Part Number Hot Search : 
MB90M405 100EP 1J153L MB86978 FST16 LTC1095 NE56610 4805E
Product Description
Full Text Search
 

To Download NACC101K108X105TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING * HIGH TEMPERATURE, EXTEND LIFE (5000 HOURS @ 105C) * 4X6.1mm ~ 10X10.5mm CASE SIZES * DESIGNED FOR REFLOW SOLDERING CHARACTERISTICS
Rated Voltage Range Rate Capacitance Range Oerating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Minutes @ 20C 6.3 ~ 50Vdc 0.1 ~ 1,000F -40C ~ +105C 20% (M) 0.01CV or 3A whichever is greater W.V. (Vdc) S.V.(Vdc) Tan Capacitance Change Load Life Test @ 105C 4mm ~ 6.mm Dia. 3,000hrs 8mm ~ 10mm Dia. 5,000hrs Tan Leakage Current 6.3 8 0.3* 10 13 0.26 16 20 0.20 25 32 0.16 35 44 0.14 50 63 0.12
NACC Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
Tan @120Hz/20C
* 1,000F is 0.5 Within 30% of initial measured value Less than 300% of specified max. value Less than specified max. value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms @ 120Hz AND 105C)
Cap (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 6.3 26 46 71 101 230 313 10 43 160 Working Voltage (Vdc) 16 25 28 39 65 70 65 81 130 238 340 35 15 28 55 57 220 50 1.0 2.6 3.2 5.0 10 16 16 23 35 49 91 100 160 -
PART NUMBER SYSTEM
NACC 101 M 16V 8X10.5 TR 13 F
RoHS Compliant 97% Sn, 3% Bi 330mm (13") Reel Tape & Reel
Series
Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in mF, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
14
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCTS AND CASE SIZE TABLE D x L (mm)
Cap Code (F) 0.1 R10 0.22 R22 0.33 R33 0.47 R47 1.0 1R0 2.2 2R2 3.3 3R3 4.7 4R7 10 100 22 220 33 330 47 470 100 101 220 221 330 331 470 471 1000 102 6.3 4X6.1 5X6.1 6.3X6.1 6.3X8 8X10.5 10X10.5 10 5X6.1 8X10.5 Working Voltage (Vdc) 16 25 4X6.1 5X6.1 6.3X6.1 6.3X6.1 6.3X8 6.3X8 8X10.5 10X10.5 10X10.5 35 4X6.1 5X6.1 6.3X6.1 6.3X8 10X10.5 50 4X6.1 4X6.1 4X6.1 4X6.1 4X6.1 4X6.1 4X6.1 5X6.1 6.3X6.1 6.3X8 8X10.5 8X10.5 10X10.5 -
NACC Series
D
0.3mm max.
L
+
W
I
I
-
A P B
DIMENSIONS D x L (mm)
Case Size 4x6.1 5x6.1 6.3x6.1 6.3x8 8x10.5 10x10.5 D 4.0 5.0 6.3 6.3 8.0 10 L max. 6.1 6.1 6.1 8.0 10.5 10.5 A 0.2 B 0.2 4.3 4.3 5.3 5.3 6.6 6.6 6.6 6.6 8.3 8.3 10.3 10.3 I 0.2 1.8 2.2 2.6 2.6 3.4 3.5 W 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.7 ~ 1.1 0.7 ~ 1.1 P 0.2 1.0 1.5 1.8 1.8 3.1 4.6
REFLOW SOLDERING PROFILE 300 250 235 200 150 100 50 25 30 60 90 120 150 180 210 240 270 300 Time - Seconds
Pre-Heat 160C 120 sec. Peak Temperature: 4mm ~ 6.3mm diameter = 250C for 5 seconds 8mm ~ 10mm diameter = 235C for 5 seconds Time above 200C 60 seconds max. Cool Down
(R)
NIC COMPONENTS CORP.
Temperature C
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
15


▲Up To Search▲   

 
Price & Availability of NACC101K108X105TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X